PART |
Description |
Maker |
HCF4026 HCF4026BM1 HCF4026B HCF4026BEY |
4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 5-BIT UP DISPLAY DRIVER COUNTER, PDIP16 DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND DISPLAY ENABLE DECADE COUNTERS/DIVIDERS WITH DECODED 7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7-SEGMENT DISPLAY OUTPUTS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HDN1131O A0558 Q68000-A6464 Q68000-A6433 HDN1133-O |
SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION 七段显示13毫米低当前版 From old datasheet system 0.59(13MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT 1-Digit LED 7 Segment IC-Compatible W...
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
BL-SE1600A BL-SE1600A-11D-XX |
406.4mm (16.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
DA04-11EWA DA04-11GWA DA04-11HWA DA04-11SRWA DA04- |
10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10 mm 10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, SUPER BRIGHT RED, 10 mm 10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, GREEN, 10 mm Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:22-18; No. Strands x Strand Size:7 x 30, 7 x 26; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
Kingbright Electronic Kingbright Corporation. Kingbright, Corp.
|
LTS-3403LG LTS3403LG |
SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
|
???绉???′唤?????? 光宝科技股份有限公司 LITE-ON Electronics LITEON[Lite-On Technology Corporation]
|
LTS-3401LG LTS3401LG |
The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LE LTS3403LE |
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation] LITE-ON Electronics
|
PD46-CCMR12 PD46-CAMR12 |
Four Digit 7 Segment 0.56隆卤 Display Four Digit 7 Segment 0.56 Display Four Digit 7 Segment 0.56?/a> Display
|
P-tec Corporation
|
PD46-CAMR24 PD46-CCMR24 |
Four Digit 7 Segment 0.56隆卤 Display Four Digit 7 Segment 0.56 Display Four Digit 7 Segment 0.56?/a> Display
|
P-tec Corporation
|
ACM1601H ACM1601H-FLGS-T ACM1601H-NLGS-T ACM1601H- |
2.7-5.5V; 16characters x 1lines; dot size:0.92x1.10mm; liquid crystal display SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 2.7-5.5V; 16characters x 2lines; dot size:0.92x1.10mm; liquid crystal display
|
AZDISPLAYS[AZ Displays]
|